PART |
Description |
Maker |
K5A2 |
Snap Action Key Switch Switch
|
ITT Industries
|
V-16-3C25 V-16-3C2L5 V-16-3C2R5 V-16-3C5 V-10G2-1A |
Snap Action Switch
|
Omron Electronics LLC
|
D2FW-G072M D2FW-G071M D2FW-G073M D2FW-G081M D2FW-G |
Watertight Snap Action Switch
|
Omron Electronics LLC
|
ADG819BCB-R2 ADG819BCB-REEL ADG819BB-R2 ADG819BCB- |
0.5 Ω CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switch with BBM Switching Action
|
Analog Devices
|
3-101-007 3-101-005 3-101-022 3-101-011 |
Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
|
Schurter Inc.
|
ZM90G70A01 ZM50E50D01 ZM50E10F01 ZV50E20A01 ZV50E7 |
MICRO SWITCH Standard Subminiature Snap-Action Z Series MICRO SWITCH Standard Subminiature Snap-Action Z Series
|
Honeywell Accelerometers Honeywell Accelerometer...
|
78400 78401 78402 78403 78404 78405 78406 78407 77 |
Set Points from 0.5 to 150 psi Extended Duty Pressure Switch With Direct Action Blade Contacts Extended Duty Pressure Switch With Direct Action Blade Contacts Set Points from 0.5 to 150 psi
|
Honeywell Accelerometers Honeywell Solid State Electronics Center Honeywell Solid State E... Honeywell Accelerometer...
|
D4B-361RN D4B-5A11N D4B-1117N D4B-111RN D4B-2615N |
Snap-action contact with certified direct opening operation certification SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 10A, 14VDC, PANEL MOUNT
|
Omron Electronics LLC
|
TK11139S TK11138S TK11150S TK11150SCL TK11150SIL T |
VOLTAGE REGULATOR WITH ON/OFF SWITCH 3.8 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 VOLTAGE REGULATOR WITH ON/OFF SWITCH 4.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 VOLTAGE REGULATOR WITH ON/OFF SWITCH 4.8 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Tan; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 4 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5
|
http:// TOKO, Inc. TOKO Inc. TOKO[TOKO Inc] TOKO[TOKO, Inc]
|
TK11220AMTB TK11222AMTB TK11225AMTB TK11221AMTB TK |
VOLTAGE REGULATOR WITH ON/OFF SWITCH 2 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 VOLTAGE REGULATOR WITH ON/OFF SWITCH 2 V FIXED POSITIVE REGULATOR, PDSO5 VOLTAGE REGULATOR WITH ON/OFF SWITCH 2.5 V FIXED POSITIVE REGULATOR, PDSO6
|
TOKO Inc. TOKO, Inc.
|
AS176-59LF |
GaAs IC High-Isolation Positive Control SPDT Switch 300 kHz-3 GHz 0.3 MHz - 3000 MHz RF/MICROWAVE SGL POLE DOUBLE THROW SWITCH, 1.2 dB INSERTION LOSS
|
Skyworks Solutions, Inc.
|
TK11330B TK11330BMCB TK11330BMCL TK11330BUCB TK113 |
VOLTAGE REGULATOR WITH ON/OFF SWITCH 调压ON / OFF开 VOLTAGE REGULATOR WITH ON/OFF SWITCH 调压器ON / OFF开 SWITCH PB 4PDT MOMENTARY 调压器ON / OFF开 VOLTAGE REGULATOR WITH ON/OFF SWITCH 3.3 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO6
|
http:// TOKO[TOKO Inc] TOKO[TOKO, Inc] TOKO Inc. TOKO, Inc.
|